Part Number Hot Search : 
3EH73ZQD 120EI DTS6504 18LF2 2SD428 0100A AN4233 2PF140
Product Description
Full Text Search
 

To Download SS561AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  interactive catalog replaces catalog pages sensing and control honeywell inc. 11 west spring street freeport, illinois 61032 honeywell sensing and control has replaced the pdf product catalog with the new interactive catalog . the interactive catalog is a power search tool that makes it easier to find product information. it includes more installation, application, and technical information than ever before. click this icon to try the new interactive catalog.
hall effect products surface mount sensors ss 5 s erie s honeywell sensing and control features/benefits ? wide temperature and voltage ranges for design flexibility and harsh (automotive)environments. ? temperature compensated for consistent operation with low-cost magnets (ss500). ? ss5 package is resistant to thermal and mechanical stress. ? ss5 profile is lower than other sot-89 packages. this allows the customer to reduce the total gap. ? industry standard "gull-wing" design. less susceptibility to "solder bridging". allows increased circuit board density. ? bipolar, unipolar and latching magnetics. ? low gauss versions available for high accuracy or wide gap applications. ? ss5 package allows 4-pin package designs typical applications ? brushless dc motors ? digital current sensor ? anti-skid braking sensor ? piston detection in hydraulic cylinder ? valve position sensing ? cam, lever, shaft position sensing ? tachometer, counter pickup ? push-button sensor ? disk speed, tape rotation, flow rate sensing ? speed sensing - rate, under, over speed ? remote reading sensor ? magnetic card reader ss5 series hall effect position sensors are operated by the magnetic field from a permanent magnet or electromagnet. the small sot89 style package surface mounts on pc boards and flexible circuits. the ss5 uses a industry standard "gull-wing" design which makes it less susceptible to "solder bridging" and allows increased circuit board density. the ss5 series package can accommodate larger ic?s than ss1 and allows for four- pin designs the integrated circuits are designed to provide predictable performance over the full temperature range of -40 to +150 c. bipolar, unipolar and latching magnetics are available. the ss5 has the same footprint and pin- out as the industry standard sot-89. it will replace honeywell ss1 series and any equivalent sot-89 sensors from other suppliers with minimum or no design changes. on-board regulation provides extremely stable operation over the full supply voltage range of 4.5 to 24 vdc(ss51t) or 3.8 to 30 vdc(ss500). current consumption is a low 10 ma maximum at 40 c and is typically 7ma or less at room temperature and above. ss5 sensors are capable of continuous 20 ma sinking output, and can withstand temporary current as high as 20 ma maximum (ss51t) or 50 ma maximum (ss500). they can use existing power supply sources in most applications, and can be directly interfaced with many electronic components without buffering or compensation circuitry. ss5 series sensors are supplied on tape and reel for high-volume, automated pick and place equipment. each reel contains 1,000 sensors. micro switch supplies bar and ring magnets for operating hall effect sensors. bar magnets can operate any hall effect sensor. ring magnets are magnetized on the outside diameter with alternating north and south poles. they are particularly useful with bipolar sensors and rpm measurement.
hall effect products surface mount sensors ss5 serie s 2 honeywell  sensing and control for application help: call 1-800-537-6945 absolute maximum ratings catalog listing ss51t ss500 supply voltage -28 to +28 vdc -1 to +30 vdc voltage externally applied to output +28 vdc max. (off condition only) -0.5 vdc min. (off or on condition) +30 vdc max. (off condition only) output on current 20 ma max. 50 ma max. temperature limits operating -40 to +150  c (-40 to +302  f) -50 to +160  c (-46 to +320  f) storage -40 to +150  c (-40 to +302  f) -65 to +160  c (-54 to +320  f magnetic flux no limit. circuit cannot be damaged by magnetic overdrive. no limit. circuit cannot be damaged by magnetic overdrive. stresses greater than those listed under ?absolute maximum ratings? may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operations section for extended periods of time may affect reliability. operating characteristics ss51t ss500 remarks supply voltage 4.5 to 24 vdc 3.8 to 30 vdc current consumption (ioff) 10 ma 10 ma max over temp output voltage (operated) 0.4 v 0.4 v sinking 20 ma max. output current (operated) 20 ma 20ma output leakage current 10  a10  a output switching time rise, 10 to 90% fall, 90 to 10% 1.5  s 1.5  s 1.5  s 1.5  s v cc = 12 v, r l = 1.6 k ohm, c l = 20 pf wiring diagrams operating temperature;  c -40 to +150  c -40 to +150  c
hall effect products surface mount sensors ss5 serie s for application help: call 1-800-537-6945 honeywell  sensing and contr ol 3 magnetic characteristics catalog listing ss51t ss511at ss513at ss541at ss543at ss549at SS561AT ss566at magnetic type bipolar bipolar bipolar unipolar unipolar unipolar latching latching magnetic characteristics (gauss) -40  c max. op. 145 70 140 135 215 440 110 200 min. rel. -145 -70 -140 20 80 210 -110 -200 min. dif. 40 15 20 15 25 30 50 200 0  c max. op. 145 65 140 117 190 400 90 185 min. rel. -145 -65 -140 20 80 230 -90 -185 min. dif. 50 15 20 18 25 30 50 200 25  c max. op. 140 60 140 115 180 390 85 180 min. rel. -140 -60 -140 20 75 235 -85 -180 min. dif. 50 15 20 20 25 30 50 200 85  c max. op. 150 60 140 120 180 400 85 180 min. rel. -150 -60 -140 15 70 215 -85 -180 min. dif. 50 12 20 15 15 30 50 190 125  c max. op. 200 65 140 123 190 410 100 180 min. rel. -200 -65 -140 15 60 200 -100 -180 min. dif. 60 12 20 8 10 30 50 160 150c max. op. 250 70 140 125 200 420 110 185 min. rel. -250 -70 -140 10 55 185 -110 -185 min. dif. ns 10 20 5 5 30 50 140 operate and release points ss51t ss511at ss513at ss541at ss543at ss549at SS561AT ss566at
hall effect products surface mount sensors ss5 serie s sensing and control honeywell inc. 11 west spring street freeport, illinois 61032 printed with soy ink on 50% recycled paper 005841-1-en il50 glo 599 printed in usa www.honeywell.com/sensing mounting dimensions tape dimensions warranty/remedy honeywell warrants goods of its manufacture as being free of defective materials and faulty workmanship. contact your local sales office for warranty information. if warranted goods are returned to honeywell during the period of coverage, honeywell will repair or replace without charge those items it finds defective. the foregoing is buyer?s sole remedy and is in lieu of all other warranties, expressed or implied, including those of merchantability and fitness for a particular purpose. specifications may change without notice. the information we supply is believed to be accurate and reliable as of this printing. however, we assume no responsibility for its use. while we provide application assistance personally, through our literature and the honeywell web site, it is up to the customer to determine the suitability of the product in the application. for application assistance, current specifications, pricing or name of the nearest authorized distributor, contact a nearby sales office. or call: 1-800-537-6945 usa 1-800-737-3360 canada 1-815-235-6847 international fax 1-815-235-6545 usa internet www.honeywell.com/sensing info@micro.honeywell.com reel dimensions


▲Up To Search▲   

 
Price & Availability of SS561AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X